Part Number Hot Search : 
P1011 2N5551 BCX56 0AA61 SHD12 1N3322 42S16 UPD3798
Product Description
Full Text Search
 

To Download 2SC4804 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors 2SC4804 d escription with ito-220 package high breakdown voltage applications switching regulator and high voltage switching applications high speed dc-dc converter applications pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings(ta=25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 900 v v ceo collector-emitter voltage open base 600 v v ebo emitter-base voltage open collector 7 v i c collector current 3 a i cm collector current-peak 5 a i b base current 1 a p t total power dissipation t c =25 30 w t j junction temperature 150  t stg storage temperature -55~150  fig.1 simplified outline (ito-220) and symbol
savantic semiconductor product specification 2 silicon npn power transistors 2SC4804 c haracteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =10ma ;i b =0 600 v v (br)cbo collector-base breakdown voltage i c =1ma ;i e =0 900 v v (br)ebo emitter-base breakdown voltage i e =1ma ;i c =0 7 v v cesat collector-emitter saturation voltage i c =0.8a; i b =0.16a 0.6 v v besat base-emitter saturation voltage i c =0.8a; i b =0.16a 1.2 v i cbo collector cut-off current v cb =800v; i e =0 0.1 ma i ebo emitter cut-off current v eb =7v; i c =0 0.1 ma h fe dc current gain i c =0.8a ; v ce =5v 10
savantic semiconductor product specification 3 silicon npn power transistors 2SC4804 package outline fig.2 outline dimensions (unindicated tolerance:0.20 mm)


▲Up To Search▲   

 
Price & Availability of 2SC4804

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X